Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2503 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2503 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button USB2503 Datasheet HTML 2Page - Microchip Technology USB2503 Datasheet HTML 3Page - Microchip Technology USB2503 Datasheet HTML 4Page - Microchip Technology USB2503 Datasheet HTML 5Page - Microchip Technology USB2503 Datasheet HTML 6Page - Microchip Technology USB2503 Datasheet HTML 7Page - Microchip Technology USB2503 Datasheet HTML 8Page - Microchip Technology USB2503 Datasheet HTML 9Page - Microchip Technology USB2503 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
USB2503/USB2503A
DS000002249A-page 6
 2007 - 2016 Microchip Technology Inc.
3.0
PIN CONFIGURATION 3-PORT HUB
FIGURE 3-1:
3-PORT 48-PIN QFN
Thermal Slug
(must be connected to VSS)
SMSC
USB2503
&
USB2503A
(Top View QFN-48)
Indicates pins on the bottom of the device.
24
TEST0
23
VDD18
22
VSS
21
GR1/NON_REM0
20
GANG_EN
19
GR2/NON_REM1
18
PRTPWR_POL
17
GR3/PRT_DIS0
16
PRTPWR2
15
OCS3_N
14
PRTPWER3
13
VDDA33
RESET_N
37
VSS
38
VDD33CR
39
VDD18
40
VSS
41
XTAL1/CLKIN
43
VDDA18PLL
44
VDDA33PLL
45
VSS
48
RBIAS
47
ATEST/REG_EN
46
XTAL2
42
MICROCHIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42