| Moteur de recherche de fiches techniques de composants électroniques |
|
USB2507 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2507 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 42 page ![]() 2007 - 2016 Microchip Technology Inc. DS000002251A-page 7 USB2507 4.0 7-PORT HUB BLOCK DIAGRAM FIGURE 4-1: 7-PORT BLOCK DIAGRAM TABLE 4-1: 7-PORT HUB PIN DESCRIPTIONS Name Symbol Type Function UPSTREAM USB 2.0 INTERFACE USB Bus Data USBDN0 USBDP0 IO-U These pins connect to the upstream USB bus data signals. Detect Upstream VBUS Power VBUS_DET I/O12 Detects state of Upstream VBUS power. The Microchip Hub monitors VBUS_DET to determine when to assert the internal D+ pull-up resistor (signaling a connect event). When designing a detachable hub, this pin must be connected to the VBUS power pin of the USB port that is upstream of the hub. (Use of a weak pull-down resistor is recommended.) For self-powered applications with a permanently attached host, this pin must be pulled-up to either 3.3V or 5.0V (typically VDD33). Upstream V BUS Upstream PHY Upstream USB Data Repeater Controller SIE Serial Interface PLL 24 MHz Crystal To EEPROM or SMBus Master Routing Logic SCL SD TT #1 TT #2 ... TT #7 Port Controller Downstream PHY #1 Port #1 OC Sense Switch Driver LED Drivers Downstream PHY #7 Port #7 OC Sense Switch Driver LED Drivers ... Downstream USB Data OC Sense Switch/LED Drivers Downstream USB Data OC Sense Switch/LED Drivers V BUS Power Detect Pin Strapping Options Internal Defaults Select 3.3V 1.8V Reg. 1.8V Cap |