Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5744/2G Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce USB5744/2G
Description  4-Port SS/HS USB Controller Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744/2G Fiches technique(HTML) 39 Page - Microchip Technology

Back Button USB5744/2G Datasheet HTML 35Page - Microchip Technology USB5744/2G Datasheet HTML 36Page - Microchip Technology USB5744/2G Datasheet HTML 37Page - Microchip Technology USB5744/2G Datasheet HTML 38Page - Microchip Technology USB5744/2G Datasheet HTML 39Page - Microchip Technology USB5744/2G Datasheet HTML 40Page - Microchip Technology USB5744/2G Datasheet HTML 41Page - Microchip Technology USB5744/2G Datasheet HTML 42Page - Microchip Technology USB5744/2G Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
 2015-2016 Microchip Technology Inc.
DS00001855D-page 39
USB5744
Note 7:
0 °C for commercial version, -40 °C for industrial version.
Note 8:
+70 °C for commercial version, +85 °C for industrial version.
Note 9:
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included in this
value. The XTALI/CLK_IN pin, XTALO pin and PCB capacitance values are required to accurately calcu-
late the value of the two external load capacitors. These two external load capacitors determine the accu-
racy of the 25.000 MHz frequency.
9.7.2
EXTERNAL REFERENCE CLOCK (CLK_IN)
When using an external reference clock, the following input clock specifications are suggested:
•25 MHz
• 50% duty cycle ±10%, ±100 ppm
• Jitter < 100 ps RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49