Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5744 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce USB5744
Description  4-Port SS/HS USB Controller Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5744 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button USB5744 Datasheet HTML 5Page - Microchip Technology USB5744 Datasheet HTML 6Page - Microchip Technology USB5744 Datasheet HTML 7Page - Microchip Technology USB5744 Datasheet HTML 8Page - Microchip Technology USB5744 Datasheet HTML 9Page - Microchip Technology USB5744 Datasheet HTML 10Page - Microchip Technology USB5744 Datasheet HTML 11Page - Microchip Technology USB5744 Datasheet HTML 12Page - Microchip Technology USB5744 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
 2015-2016 Microchip Technology Inc.
DS00001855D-page 9
USB5744
Table 3-1 details the package pin assignments in table format.
TABLE 3-1:
56-VQFN PIN ASSIGNMENTS
Pin
Number
Pin Name
Pin
Number
Pin Name
1
USB2DN_DP1/PRT_DIS_P1
29
USB3DN_RXDP4
2
USB2DN_DM1/PRT_DIS_M1
30
USB3DN_RXDM4
3
USB3DN_TXDP1
31
VDD33
4
USB3DN_TXDM1
32
PRT_CTL4/GANG_PWR
5
VDD12
33
VDD12
6
USB3DN_RXDP1
34
PRT_CTL3
7
USB3DN_RXDM1
35
PRT_CTL2
8
USB2DN_DP2/PRT_DIS_P2
36
PRT_CTL1
9
USB2DN_DM2/PRT_DIS_M2
37
VBUS_DET
10
USB3DN_TXDP2
38
SPI_CLK/SMCLK
11
USB3DN_TXDM2
39
SPI_DO/SMDAT
12
VDD12
40
SPI_DI/CFG_BC_EN
13
USB3DN_RXDP2
41
SPI_CE_N/CFG_NON_REM
14
USB3DN_RXDM2
42
RESET_N
15
VDD12
43
VDD12
16
VDD33
44
VDD33
17
USB2DN_DP3/PRT_DIS_P3
45
USB2UP_DP
18
USB2DN_DM3/PRT_DIS_M3
46
USB2UP_DM
19
USB3DN_TXDP3
47
USB3UP_TXDP
20
USB3DN_TXDM3
48
USB3UP_TXDM
21
VDD12
49
VDD12
22
USB3DN_RXDP3
50
USB3UP_RXDP
23
USB3DN_RXDM3
51
USB3UP_RXDM
24
USB2DN_DP4/PRT_DIS_P4
52
ATEST
25
USB2DN_DM4/PRT_DIS_M4
53
XTALO
26
USB3DN_TXDP4
54
XTALI/CLK_IN
27
USB3DN_TXDM4
55
VDD33
28
VDD12
56
RBIAS
TABLE 3-2:
56-VQFN PIN ASSIGNMENTS
1
USB2DN_DP1/PRT_DIS_P1
29
NC
2
USB2DN_DM1/PRT_DIS_M1
30
NC
3
USB3DN_TXDP1
31
VDD33
4
USB3DN_TXDM1
32
GPIO20/GANG_PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49