Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS4SD32M16DG-75/XT Fiches technique(PDF) 13 Page - Micross Components

No de pièce AS4SD32M16DG-75/XT
Description  Synchronous DRAM Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSS [Micross Components]
Site Internet  http://www.micross.com
Logo MICROSS - Micross Components

AS4SD32M16DG-75/XT Fiches technique(HTML) 13 Page - Micross Components

Back Button AS4SD32M16DG-75/XT Datasheet HTML 9Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 10Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 11Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 12Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 13Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 14Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 15Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 16Page - Micross Components AS4SD32M16DG-75/XT Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
SDRAM
AS4SD32M16
AS4SD32M16
Rev. 2.0 10/13
Micross Components reserves the right to change products or specifications without notice.
13
Data from any READ burst may be truncated with a
subsequent WRITE command, and data from a fixed-length
READ burst may be immediately followed by data from a
WRITE command (subject to bus turn-around limitations).
The WRITE burst may be initiated on the clock edge imme-
diately following the last (or last desired) data element from
the READ burst, provided that I/O contention can be avoided.
In a given
system design, there may be a possibility that
the device
driving the input data will go Low-Z before the
SDRAM DQs go High-Z. In this case, at least a single-cycle
delay should occur between the last read data and the WRITE
command.
The DQM input is used to avoid I/O contention, as shown
in Figures 9 and 10. The DQM signal must be asserted (HIGH)
at least two clocks prior to the write command (DQM latency
is two clocks for output buffers) to suppress data-out from the
READ. Once the WRITE command is registered, the DQs
will go High-Z (or remain High-Z), regardless of the state of
the DQM signal; provided the DQM was active on the clock
just prior to the WRITE command that truncated the READ
command. If not, the second WRITE will be an invalid WRITE.
For example, if DQM was LOW during T4 in Figure 10, the
WRITEs at T5 and T7 would be valid, while the WRITE at T6
would be invalid.
The DQM signal must be de-asserted prior to the WRITE
command (DQM latency is zero clocks for input buffers) to
ensure that the written data is not masked. Figure 9 shows the
case where the clock frequency allows for bus contention to
be avoided without adding a NOP cycle, and Figure 10 shows
the case where the additional NOP is needed.
A fixed-length READ burst may be followed by, or truncat-
ed with, a PRECHARGE command to the same bank (provided
that auto precharge was not activated), and a full-page burst may
be truncated with a PRECHARGE command to the same bank.
The PRECHARGE command should be issued x cycles before
the clock edge at which the last desired data element is valid,
where x equals the CAS latency minus one. This is shown in
Figure 11 for each possible CAS latency; data element n+3 is
either the last of a burst of four or the last desired of a longer
burst. Following the PRECHARGE command, a subsequent
command to the same bank cannot be issued until t
RP is met.
Note that part of the row precharge time is hidden during the
access of the last data element(s).
In the case of a fixed-length burst being executed to com-
pletion, a PRECHARGE command issued at the optimum time
(as described above) provides the same operation that would
result from the same fixed-length burst with auto precharge.
The disadvantage of the PRECHARGE command is that it
requires that the command and address buses be
available
at the appropriate time to issue the command; the advantage of
the PRECHARGE command is that it can be used to truncate
fixed-length or full-page bursts.
Full-page READ bursts can be truncated with the BURST
TERMINATE command, and fixed-length READ bursts may
be truncated with a BURST TERMINATE command, provided
that auto precharge was not activated. The BURST TERMI-
NATE command should be issued x cycles before the clock
edge at which the last desired data element is valid, where x
equals the CAS latency minus one. This is shown in Figure
12 for each possible CAS latency; data element n+3 is the last
desired data element of a longer burst.
FIGURE 9: READ to WRITE
FIGURE 10: READ to WRITE With
Extra Clock Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52