| Moteur de recherche de fiches techniques de composants électroniques |
|
PBT-RK100SM2SSSAMA0Z Fiches technique(PDF) 4 Page - SICK AG |
|
|
|||||||||||||||||||||||||||||
PBT-RK100SM2SSSAMA0Z Fiches technique(HTML) 4 Page - SICK AG |
|
4 / 7 page ![]() A B C D E F H I J K L M N O P Q R S T PBT-RK100SM2SSSAMA0Z | PBT PRESSURE SENSORS Dimensional drawing (Dimensions in mm (inch)) Housing with circular connector M12 x 1, IP 67 Ø 29 (1.14) M12 x 1 27 (1.06) M20 x 1.5 27 (1.06) M20 x 1.5 Connection type L+/ Q A 3 2 1 M - + + - L+ M Q A 2 1 1 - + - + M 4 2 3 L+/ Q A 1 - + - + M 4 2 3 L+ Q A L+/Q A M - + + - brn grn L+ M + - + - brn grn wht Q A 2-wire 3-wire L-connector (DIN EN 175301-803 A Flying leads Power supply Load 3 - + + - M12 x 1, 4-pin 4 FLUID SENSORS | SICK Online data sheet | 2016-08-17 15:00:09 Subject to change without notice |