| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER011XSTR Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER011XSTR Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 36 page ![]() VIPer01 Electrical and thermal ratings DocID028751 Rev 1 7/36 Figure 3: RthJA/(RthJA@A=100 mm²) Table 4: Avalanche characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit IAR Avalanche current Repetitive and non-repetitive Pulse-width limited by TJmax 0.8 A EAS Single pulse avalanche energy (1) L = 1 mH IAS = 0.8 A VDS = 50 V RG = 47 Ω Starting TJ = 25 °C 1 mJ Notes: (1)Parameter derived by characterization. |