Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN240 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSPIN240
Description  Low voltage dual brush DC motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN240 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSPIN240 Datasheet HTML 16Page - STMicroelectronics STSPIN240 Datasheet HTML 17Page - STMicroelectronics STSPIN240 Datasheet HTML 18Page - STMicroelectronics STSPIN240 Datasheet HTML 19Page - STMicroelectronics STSPIN240 Datasheet HTML 20Page - STMicroelectronics STSPIN240 Datasheet HTML 21Page - STMicroelectronics STSPIN240 Datasheet HTML 22Page - STMicroelectronics STSPIN240 Datasheet HTML 23Page - STMicroelectronics STSPIN240 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Functional description
STSPIN240
20/26
DocID029313 Rev 3
6.5
Thermal shutdown
The device embeds circuitry protecting it from overtemperature conditions.
When the thermal shutdown temperature is reached, the power stage is disabled and the
EN\FAULT input is forced low through the integrated open drain MOSFET.
The protection and the EN\FAULT output are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).
Figure 11. Thermal shutdown management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26