Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN230 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STSPIN230
Description  Low voltage triple half-bridge motor driver for BLDC motors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN230 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STSPIN230 Datasheet HTML 12Page - STMicroelectronics STSPIN230 Datasheet HTML 13Page - STMicroelectronics STSPIN230 Datasheet HTML 14Page - STMicroelectronics STSPIN230 Datasheet HTML 15Page - STMicroelectronics STSPIN230 Datasheet HTML 16Page - STMicroelectronics STSPIN230 Datasheet HTML 17Page - STMicroelectronics STSPIN230 Datasheet HTML 18Page - STMicroelectronics STSPIN230 Datasheet HTML 19Page - STMicroelectronics STSPIN230 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Functional description
STSPIN230
16/22
DocID029312 Rev 4
6.4
Thermal shutdown
The device embeds circuitry protecting it from the overtemperature condition.
When the thermal shutdown temperature is reached the power stage is disabled and the
EN\FAULT input is forced low through the integrated open-drain MOSFET (refer to
Figure 7).
The protection and the EN\FAULT output are released when the IC temperature returns
below a safe operating value (TjSD - TjSD,Hyst).
Figure 7. Thermal shutdown management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22