Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTS221TR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 25Page - STMicroelectronics HTS221TR Datasheet HTML 26Page - STMicroelectronics HTS221TR Datasheet HTML 27Page - STMicroelectronics HTS221TR Datasheet HTML 28Page - STMicroelectronics HTS221TR Datasheet HTML 29Page - STMicroelectronics HTS221TR Datasheet HTML 30Page - STMicroelectronics HTS221TR Datasheet HTML 31Page - STMicroelectronics HTS221TR Datasheet HTML 32Page - STMicroelectronics HTS221TR Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID026333 Rev 4
31/33
HTS221
Package information
33
Figure 14. Reel information for carrier tape of HLGA-6L package
Table 21. Reel dimensions for carrier tape of HLGA-6L package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33