Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HTS221 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 3Page - STMicroelectronics HTS221 Datasheet HTML 4Page - STMicroelectronics HTS221 Datasheet HTML 5Page - STMicroelectronics HTS221 Datasheet HTML 6Page - STMicroelectronics HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics HTS221 Datasheet HTML 10Page - STMicroelectronics HTS221 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DocID026333 Rev 4
7/33
HTS221
HTS221 block diagram
33
Table 2. Pin description
Pin n°
Name
Function
1VDD
Power supply
2
SCL/SPC
I²C serial clock (SCL)
SPI serial port clock (SPC)
3
DRDY
Data Ready output signal
4
SDA/SDI/SDO
I²C serial data (SDA)
3-wire SPI serial data input /output (SDI/SDO)
5
GND
Ground
6
SPI enable
I²C/SPI mode selection
(1: SPI idle mode / I²C communication enabled;
0: SPI communication mode / I²C disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33