Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT0740LG-G Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce HT0740LG-G
Description  High-Voltage Isolated MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HT0740LG-G Fiches technique(HTML) 7 Page - Microchip Technology

Back Button HT0740LG-G Datasheet HTML 3Page - Microchip Technology HT0740LG-G Datasheet HTML 4Page - Microchip Technology HT0740LG-G Datasheet HTML 5Page - Microchip Technology HT0740LG-G Datasheet HTML 6Page - Microchip Technology HT0740LG-G Datasheet HTML 7Page - Microchip Technology HT0740LG-G Datasheet HTML 8Page - Microchip Technology HT0740LG-G Datasheet HTML 9Page - Microchip Technology HT0740LG-G Datasheet HTML 10Page - Microchip Technology HT0740LG-G Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2016 Microchip Technology Inc.
DS20005628A-page 7
HT0740
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
8-lead SOIC
Example
NNN
XXXXXXXX
YYWW
e3
789
HT0740LG
1620
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12