Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1222ECH Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce TC1222ECH
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222ECH Fiches technique(HTML) 4 Page - Microchip Technology

  TC1222ECH Datasheet HTML 1Page - Microchip Technology TC1222ECH Datasheet HTML 2Page - Microchip Technology TC1222ECH Datasheet HTML 3Page - Microchip Technology TC1222ECH Datasheet HTML 4Page - Microchip Technology TC1222ECH Datasheet HTML 5Page - Microchip Technology TC1222ECH Datasheet HTML 6Page - Microchip Technology TC1222ECH Datasheet HTML 7Page - Microchip Technology TC1222ECH Datasheet HTML 8Page - Microchip Technology TC1222ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1221/TC1222
DS20001367C-page 4
 2002-2014 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1221/TC1222 charge pump converters invert
the voltage applied to the VIN pin. Conversion consists
of a two-phase operation (Figure 3-1). During the first
phase, switches S2 and S4 are opened and S1 and S3
are closed. During this time, C1 charges to the voltage
on VIN and load current is supplied from C2. During the
second phase, S2 and S4 are closed, and S1 and S3
are opened. This action connects C1 across C2,
restoring charge to C2.
FIGURE 3-1:
IDEAL SWITCHED
CAPACITOR CHARGE
PUMP
VOUT = – (VIN)
C1
C2
TC1221/1222
Phase 1
VIN
S1
S3
S4
S2
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16