| Moteur de recherche de fiches techniques de composants électroniques |
|
VND7004AY Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VND7004AY Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 47 page ![]() Block diagram and pin description VND7004AY 6/47 DocID027772 Rev 9 Figure 2: Configuration diagram (top view) Table 2: Suggested connections for unused and not connected pins Connection / pin MultiSense N.C. Output Input SEn, SELx, FaultRST Floating Not allowed X (1) X X X To ground Through 1 kΩ resistor X Not allowed Through 10 kΩ resistor Through 10 kΩ resistor Notes: (1)X: do not care. 11 10 9 8 7 6 5 4 3 2 1 PowerSSO-36 12 13 14 15 16 17 18 26 27 28 29 30 31 32 33 34 35 36 25 24 23 22 21 20 19 SEL1 SEL0 N.C. MultiSense GND FaultRST N.C. INPUT1 TAB/Vcc SEn N.C. N.C. N.C. N.C. N.C. OUTPUT0 OUTPUT0 OUTPUT0 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT1 OUTPUT0 OUTPUT0 OUTPUT0 OUTPUT0 OUTPUT0 OUTPUT0 OUTPUT0 INPUT0 N.C. |