Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN7040AJTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VN7040AJTR
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7040AJTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VN7040AJTR Datasheet HTML 17Page - STMicroelectronics VN7040AJTR Datasheet HTML 18Page - STMicroelectronics VN7040AJTR Datasheet HTML 19Page - STMicroelectronics VN7040AJTR Datasheet HTML 20Page - STMicroelectronics VN7040AJTR Datasheet HTML 21Page - STMicroelectronics VN7040AJTR Datasheet HTML 22Page - STMicroelectronics VN7040AJTR Datasheet HTML 23Page - STMicroelectronics VN7040AJTR Datasheet HTML 24Page - STMicroelectronics VN7040AJTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
VN7040AJ, VN7040AS
Electrical specification
DocID027400 Rev 3
21/55
Mode
Conditions
INX FR(1) SEn SELX(1) OUTX MultiSense
Comments
H
H
H
See (2)
Outputs
configured for
latch-off(1)
Overload
Overload or
short to GND
causing:
Tj > TTSD or
ΔTj > ΔTj_SD
L
X
See (2)
L
See (2)
H
L
H
See (2)
Output cycles
with
temperature
hysteresis
H
H
L
See (2)
Output
latches-off(1)
Undervoltage
VCC < VUSD
(falling)
X
X
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD +
VUSDhyst (rising)
OFF-state
diagnostics
Short to VCC
L
X
See (2)
H
See (2)
Open-load
L
X
H
See (2)
External pull-
up
Negative
output
voltage
Inductive
loads turn-off
L
X
See (2)
< 0 V
See (2)
Notes:
(1)VN7040AJ only
(2)Refer to Table 11: "MultiSense multiplexer addressing"
Table 11: MultiSense multiplexer addressing
SEn SEL1 SEL0 MUX channel
MultiSense output
Normal
mode
Overload
OFF-state
diag. (1)
Negative
output
SO-8
L
N.A.
N.A.
N.A.
Hi-Z
H
N.A.
N.A.
Channel
diagnostic
ISENSE =
1/K * IOUT
VSENSE =
VSENSEH
VSENSE =
VSENSEH
Hi-Z
PowerSSO-16
H
L
L
Channel
diagnostic
ISENSE =
1/K * IOUT
VSENSE =
VSENSEH
VSENSE =
VSENSEH
Hi-Z
H
L
H
Channel
diagnostic
ISENSE =
1/K * IOUT
VSENSE =
VSENSEH
VSENSE =
VSENSEH
Hi-Z
H
H
L
TCHIP Sense
VSENSE = VSENSE_TC
H
H
H
VCC Sense
VSENSE = VSENSE_VCC
Notes:
(1)In case the output channel corresponding to the selected MUX channel is latched off while the relevant input is
low, Multisense pin delivers feedback according to OFF-State diagnostic. Example 1: FR = 1; IN = 0; OUT = L
(latched); MUX channel = channel 0 diagnostic; Mutisense = 0. Example 2: FR = 1; IN = 0; OUT = latched,
VOUT > VOL; MUX channel = channel 0 diagnostic; Mutisense = VSENSEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55