Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSZ124IPT Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TSZ124IPT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124IPT Fiches technique(HTML) 3 Page - STMicroelectronics

  TSZ124IPT Datasheet HTML 1Page - STMicroelectronics TSZ124IPT Datasheet HTML 2Page - STMicroelectronics TSZ124IPT Datasheet HTML 3Page - STMicroelectronics TSZ124IPT Datasheet HTML 4Page - STMicroelectronics TSZ124IPT Datasheet HTML 5Page - STMicroelectronics TSZ124IPT Datasheet HTML 6Page - STMicroelectronics TSZ124IPT Datasheet HTML 7Page - STMicroelectronics TSZ124IPT Datasheet HTML 8Page - STMicroelectronics TSZ124IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TSZ121, TSZ122, TSZ124
Package pin connections
DocID023563 Rev 5
3/38
1
Package pin connections
Figure 1: Pin connections for each package (top view)
1.
The exposed pads of the DFN8 2x2 and the QFN16 3x3 can be connected to VCC- or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38