Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSZ124IQ4T Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TSZ124IQ4T
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124IQ4T Fiches technique(HTML) 2 Page - STMicroelectronics

  TSZ124IQ4T Datasheet HTML 1Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 2Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 3Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 4Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 5Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 6Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 7Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 8Page - STMicroelectronics TSZ124IQ4T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Contents
TSZ121, TSZ122, TSZ124
2/38
DocID023563 Rev 5
Contents
1
Package pin connections................................................................ 3
2
Absolute maximum ratings and operating conditions ................. 4
3
Electrical characteristics ................................................................ 5
4
Electrical characteristic curves .................................................... 11
5
Application information ................................................................ 17
5.1
Operation theory ............................................................................. 17
5.1.1
Time domain ..................................................................................... 17
5.1.2
Frequency domain............................................................................ 18
5.2
Operating voltages .......................................................................... 19
5.3
Input pin voltage ranges .................................................................. 19
5.4
Rail-to-rail input ............................................................................... 19
5.5
Input offset voltage drift over temperature....................................... 20
5.6
Rail-to-rail output............................................................................. 20
5.7
Capacitive load................................................................................ 20
5.8
PCB layout recommendations......................................................... 21
5.9
Optimized application recommendation .......................................... 21
5.10
EMI rejection ration (EMIRR) .......................................................... 22
5.11
Application examples ...................................................................... 22
5.11.1
Oxygen sensor ................................................................................. 22
5.11.2
Precision instrumentation amplifier .................................................. 23
5.11.3
Low-side current sensing.................................................................. 24
6
Package information ..................................................................... 25
6.1
SC70-5 (or SOT323-5) package information................................... 26
6.2
SOT23-5 package information ........................................................ 27
6.3
DFN8 2x2 package information....................................................... 29
6.4
MiniSO8 package information ......................................................... 31
6.5
SO8 package information................................................................ 32
6.6
QFN16 3x3 package information..................................................... 33
6.7
TSSOP14 package information....................................................... 35
7
Ordering information..................................................................... 36
8
Revision history ............................................................................ 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38