| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L072xZ Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072xZ Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 147 page ![]() Pin descriptions STM32L072xx 44/147 DocID027100 Rev 3 - - 2 2 A2 B7 7 C1 PC13 I/O FT - - RTC_TAMP1/RTC_TS/ RTC_OUT/WKUP2 21 3 3 A1 C6 8 D1 PC14- OSC32_IN (PC14) I/O FT - - OSC32_IN 32 4 4 B1 C79E1 PC15- OSC32_OUT (PC15) I/O TC - - OSC32_OUT - - - --- 10 F2 PH9 I/O FT - - - - - - --- 11 G2 PH10 I/O FT - - - - - 5 5 C1 D6 12 F1 PH0-OSC_IN (PH0) I/O TC - USB_CRS_SYNC OSC_IN - - 6 6 D1 D7 13 G1 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 4 3 7 7 E1 D5 14 H2 NRST I/O - - - - - - 8 E3 C5 15 H1 PC0 I/O FTf - LPTIM1_IN1, EVENTOUT, TSC_G7_IO1, LPUART1_RX, I2C3_SCL ADC_IN10 - - - 9 E2 C4 16 J2 PC1 I/O FTf - LPTIM1_OUT, EVENTOUT, TSC_G7_IO2, LPUART1_TX, I2C3_SDA ADC_IN11 - - - 10 F2 E7 17 J3 PC2 I/O FTf - LPTIM1_IN2, SPI2_MISO/I2S2_MCK, TSC_G7_IO3 ADC_IN12 - - - 11 - - 18 K2 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, TSC_G7_IO4 ADC_IN13 - 4 8 12 F1 - 19 J1 VSSA S - - - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |