Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L475VC Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STM32L475VC
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VC Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STM32L475VC Datasheet HTML 47Page - STMicroelectronics STM32L475VC Datasheet HTML 48Page - STMicroelectronics STM32L475VC Datasheet HTML 49Page - STMicroelectronics STM32L475VC Datasheet HTML 50Page - STMicroelectronics STM32L475VC Datasheet HTML 51Page - STMicroelectronics STM32L475VC Datasheet HTML 52Page - STMicroelectronics STM32L475VC Datasheet HTML 53Page - STMicroelectronics STM32L475VC Datasheet HTML 54Page - STMicroelectronics STM32L475VC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 193 page
background image
DocID027692 Rev 2
51/193
STM32L475xx
Functional overview
53
The major features are:
Combined Rx and Tx FIFO size of 1.25 KB with dynamic FIFO sizing
Supports the session request protocol (SRP) and host negotiation protocol (HNP)
1 bidirectional control endpoint + 5 IN endpoints + 5 OUT endpoints
8 host channels with periodic OUT support
HNP/SNP/IP inside (no need for any external resistor)
Software configurable to OTG 1.3 and OTG 2.0 modes of operation
OTG 2.0 Supports ADP (Attach detection Protocol)
USB 2.0 LPM (Link Power Management) support
Battery Charging Specification Revision 1.2 support
Internal FS OTG PHY support
For OTG/Host modes, a power switch is needed in case bus-powered devices are
connected.
3.34
Flexible static memory controller (FSMC)
Flexible static memory controller (FSMC) is also named Flexible memory controller (FMC).
The main features of the FMC controller are the following:
Interface with static-memory mapped devices in multiplexed mode including:
Static random access memory (SRAM)
NOR Flash memory
PSRAM
8-,16- bit data bus width
Write FIFO
The Maximum FMC_CLK frequency for synchronous accesses is HCLK/2.
LCD parallel interface
The FMC can be configured to interface seamlessly with most graphic LCD controllers. It
supports the Intel 8080 and Motorola 6800 modes, and is flexible enough to adapt to
specific LCD interfaces. This LCD parallel interface capability makes it easy to build cost
effective graphic applications using LCD modules with embedded controllers or high
performance solutions using external controllers with dedicated acceleration.
3.35
Quad SPI memory interface (QUADSPI)
The Quad SPI is a specialized communication interface targeting single, dual or quad SPI
flash memories. It can operate in any of the three following modes:
Indirect mode: all the operations are performed using the QUADSPI registers
Status polling mode: the external flash status register is periodically read and an
interrupt can be generated in case of flag setting
Memory-mapped mode: the external flash is memory mapped and is seen by the
system as if it were an internal memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More