Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L475VE Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM32L475VE
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VE Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM32L475VE Datasheet HTML 9Page - STMicroelectronics STM32L475VE Datasheet HTML 10Page - STMicroelectronics STM32L475VE Datasheet HTML 11Page - STMicroelectronics STM32L475VE Datasheet HTML 12Page - STMicroelectronics STM32L475VE Datasheet HTML 13Page - STMicroelectronics STM32L475VE Datasheet HTML 14Page - STMicroelectronics STM32L475VE Datasheet HTML 15Page - STMicroelectronics STM32L475VE Datasheet HTML 16Page - STMicroelectronics STM32L475VE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 193 page
background image
DocID027692 Rev 2
13/193
STM32L475xx
Description
53
1. For the LQFP100 package, only FMC Bank1 is available. Bank1 can only support a multiplexed
NOR/PSRAM memory using the NE1 Chip Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More