Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072VB Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 42Page - STMicroelectronics STM32L072VB Datasheet HTML 43Page - STMicroelectronics STM32L072VB Datasheet HTML 44Page - STMicroelectronics STM32L072VB Datasheet HTML 45Page - STMicroelectronics STM32L072VB Datasheet HTML 46Page - STMicroelectronics STM32L072VB Datasheet HTML 47Page - STMicroelectronics STM32L072VB Datasheet HTML 48Page - STMicroelectronics STM32L072VB Datasheet HTML 49Page - STMicroelectronics STM32L072VB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 147 page
background image
Pin descriptions
STM32L072xx
46/147
DocID027100 Rev 3
12 12 16 22 G4 G5 31 L4
PA6
I/O
FT
-
SPI1_MISO, TIM3_CH1,
TSC_G2_IO3,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
13 13 17 23 H4 F4 32 M4
PA7
I/O
FT
-
SPI1_MOSI, TIM3_CH2,
TSC_G2_IO4,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
-
-
-
24 H5
-
33 K5
PC4
I/O
FT
-
EVENTOUT,
LPUART1_TX
ADC_IN14
-
-
-
25 H6
-
34 L5
PC5
I/O
FT
-
LPUART1_RX,
TSC_G3_IO1
ADC_IN15
14 14 18 26 F5 G4 35 M5
PB0
I/O
FT
-
EVENTOUT, TIM3_CH3,
TSC_G3_IO2
ADC_IN8, VREF_OUT
15 15 19 27 G5 D3 36 M6
PB1
I/O
FT
-
TIM3_CH4,
TSC_G3_IO3,
LPUART1_RTS
ADC_IN9, VREF_OUT
-
-
20 28 G6 E3 37 L6
PB2
I/O
FT
-
LPTIM1_OUT,
TSC_G3_IO4,
I2C3_SMBA
-
-
-
-
---
38 M7
PE7
I/O
FT
-
USART5_CK/USART5_R
TS_DE
-
-
-
-
-
-
-
39 L7
PE8
I/O
FT
-
USART4_TX
-
-
-
-
---
40 M8
PE9
I/O
FT
-
TIM2_CH1, TIM2_ETR,
USART4_RX
-
-
-
-
-
-
-
41 L8
PE10
I/O
FT
-
TIM2_CH2, USART5_TX
-
-
-
-
-
-
-
42 M9
PE11
I/O
FT
- TIM2_CH3, USART5_RX
-
-
-
-
-
-
-
43 L9
PE12
I/O
FT
-
TIM2_CH4, SPI1_NSS
-
-
-
-
-
-
-
44 M10
PE13
I/O
FT
-
SPI1_SCK
-
-
-
-
-
-
-
45 M11
PE14
I/O
FT
-
SPI1_MISO
-
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More