Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32469VI Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32469VI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VI Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32469VI Datasheet HTML 73Page - STMicroelectronics STM32469VI Datasheet HTML 74Page - STMicroelectronics STM32469VI Datasheet HTML 75Page - STMicroelectronics STM32469VI Datasheet HTML 76Page - STMicroelectronics STM32469VI Datasheet HTML 77Page - STMicroelectronics STM32469VI Datasheet HTML 78Page - STMicroelectronics STM32469VI Datasheet HTML 79Page - STMicroelectronics STM32469VI Datasheet HTML 80Page - STMicroelectronics STM32469VI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 217 page
background image
Port E
PE0
-
-
TIM4_ETR
-
-
-
-
-
UART8_
Rx
-
-
-
FMC_NBL0
DCMI_D2
-
EVENT
OUT
PE1
-
-
--
-
-
--
UART8_
Tx
--
-
FMC_NBL1
DCMI_D3
-
EVENT
OUT
PE2
TRACEC
LK
--
-
-
SPI4_SCK
SAI1_MCL
K_A
--
QUADSPI_
BK1_IO2
-
ETH_MII_TXD
3
FMC_A23
--
EVENT
OUT
PE3
TRACED
0
--
-
-
-
SAI1_SD_
B
--
-
-
-
FMC_A19
--
EVENT
OUT
PE4
TRACED
1
--
-
-
SPI4_NSS
SAI1_FS_
A
--
-
-
-
FMC_A20
DCMI_D4
LCD_B0
EVENT
OUT
PE5
TRACED
2
--
TIM9_CH1
-
SPI4_MISO
SAI1_SCK
_A
--
-
-
-
FMC_A21
DCMI_D6
LCD_G0
EVENT
OUT
PE6
TRACED
3
--
TIM9_CH2
-
SPI4_MOSI
SAI1_SD_
A
--
-
-
-
FMC_A22
DCMI_D7
LCD_G1
EVENT
OUT
PE7
-
TIM1_ETR
--
-
-
--
UART7_
Rx
-
QUADSPI
_BK2_IO0
-
FMC_D4
--
EVENT
OUT
PE8
-
TIM1_CH1N
--
-
-
--
UART7_
Tx
-
QUADSPI
_BK2_IO1
-
FMC_D5
--
EVENT
OUT
PE9
-
TIM1_CH1
--
-
-
--
-
-
QUADSPI
_BK2_IO2
-
FMC_D6
--
EVENT
OUT
PE10
-
TIM1_CH2N
--
-
-
--
-
-
QUADSPI
_BK2_IO3
-
FMC_D7
--
EVENT
OUT
PE11
-
TIM1_CH2
--
-
SPI4_NSS
--
-
-
-
-
FMC_D8
-
LCD_G3
EVENT
OUT
PE12
-
TIM1_CH3N
--
-
SPI4_SCK
--
-
-
-
-
FMC_D9
-
LCD_B4
EVENT
OUT
PE13
-
TIM1_CH3
--
-
SPI4_MISO
--
-
-
-
-
FMC_D10
-
LCD_DE
EVENT
OUT
PE14
-
TIM1_CH4
--
-
SPI4_MOSI
--
-
-
-
-
FMC_D11
-
LCD_CLK
EVENT
OUT
PE15
-
TIM1_BKIN
--
-
-
--
-
-
-
-
FMC_D12
-
LCD_R7
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More