| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F427AI Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AI Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 239 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 66/238 DocID024030 Rev 9 82 115 C9 C12 143 C4 165 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - 83 116 B9 D12 144 A3 166 D12 PD2 I/O FT - TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - 84 117 A9 D11 145 B4 167 C11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - 85 118 D8 D10 146 B5 168 D11 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - 86 119 C8 C11 147 A4 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - 120 - D8 148 - 170 F8 VSS S- - - - 121 D6 C8 149 C5 171 E9 VDD S- - - 87 122 B8 B11 150 F4 172 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - 88 123 A8 A11 151 A5 173 A11 PD7 I/O FT - USART2_CK, FMC_NE1/FMC_NCE2, EVENTOUT - - - - - - - 174 B10 PJ12 I/O FT - LCD_B0, EVENTOUT - - - - - - - 175 B9 PJ13 I/O FT - LCD_B1, EVENTOUT - - - - - - - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - -124 NC (2) C10 152 E5 178 D9 PG9 I/O FT - USART6_RX, FMC_NE2/FMC_NCE3, DCMI_VSYNC(8), EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |