Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RG Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STM32F412RG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RG Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STM32F412RG Datasheet HTML 48Page - STMicroelectronics STM32F412RG Datasheet HTML 49Page - STMicroelectronics STM32F412RG Datasheet HTML 50Page - STMicroelectronics STM32F412RG Datasheet HTML 51Page - STMicroelectronics STM32F412RG Datasheet HTML 52Page - STMicroelectronics STM32F412RG Datasheet HTML 53Page - STMicroelectronics STM32F412RG Datasheet HTML 54Page - STMicroelectronics STM32F412RG Datasheet HTML 55Page - STMicroelectronics STM32F412RG Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 193 page
background image
Pinouts and pin description
STM32F412xE/G
52/193
DocID028087 Rev 4
16 22 H6 31
L4
L3
42
PA6
I/O
FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO,
I2S2_MCK, TIM13_CH1,
QUADSPI_BK2_IO0,
SDIO_CMD, EVENTOUT
ADC1_6
17 23 E5 32 M4
M3
43
PA7
I/O
FT
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
TIM14_CH1,
QUADSPI_BK2_IO1,
EVENTOUT
ADC1_7
-
24E433
K5
J4
44
PC4
I/O
FT
-
I2S1_MCK,
QUADSPI_BK2_IO2,
FSMC_NE4, EVENTOUT
ADC1_14
-
25 G5 34
L5
K4
45
PC5
I/O
FT
-
I2CFMP1_SMBA,
USART3_RX,
QUADSPI_BK2_IO3,
FSMC_NOE, EVENTOUT
ADC1_15
18 26 H5 35 M5
L4
46
PB0
I/O
FT
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N,
SPI5_SCK/I2S5_CK,
EVENTOUT
ADC1_8
19 27 F4 36 M6
M4
47
PB1
I/O
FT
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N,
SPI5_NSS/I2S5_WS,
DFSDM1_DATIN0,
QUADSPI_CLK,
EVENTOUT
ADC1_9
20 28 G4 37
L6
J5
48
PB2
I/O
FT
-
DFSDM1_CKIN0,
QUADSPI_CLK,
EVENTOUT
BOOT1
-
-
-
-
-
M5
49
PF11
I/O
FT
-
TIM8_ETR, EVENTOUT
-
--
--
-
L5
50
PF12
I/O
FT
-
TIM8_BKIN, FSMC_A6,
EVENTOUT
-
--
--
-
-
51
VSS
S
-
-
-
-
--
--
-
G5
52
VDD
S
-
-
-
-
--
--
-
K5
53
PF13
I/O
FT
-
I2CFMP1_SMBA,
FSMC_A7, EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More