Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F401CCU6 Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce STM32F401CCU6
Description  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401CCU6 Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button STM32F401CCU6 Datasheet HTML 52Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 53Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 54Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 55Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 56Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 57Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 58Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 59Page - STMicroelectronics STM32F401CCU6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 135 page
background image
DocID024738 Rev 6
56/135
STM32F401xB STM32F401xC
Electrical characteristics
113
6.1.6
Power supply scheme
Figure 18. Power supply scheme
1. To connect PDR_ON pin, refer to Section 3.14: Power supply supervisor.
2. The 4.7 µF ceramic capacitor must be connected to one of the VDD pin.
3. VCAP_2 pad is only available on LQFP100 and UFBGA100 packages.
4. VDDA=VDD and VSSA=VSS.
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic
capacitors as shown above. These capacitors must be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB to ensure good operation of the
device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More