Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLUX285ATR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STLUX285ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285ATR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STLUX285ATR Datasheet HTML 6Page - STMicroelectronics STLUX285ATR Datasheet HTML 7Page - STMicroelectronics STLUX285ATR Datasheet HTML 8Page - STMicroelectronics STLUX285ATR Datasheet HTML 9Page - STMicroelectronics STLUX285ATR Datasheet HTML 10Page - STMicroelectronics STLUX285ATR Datasheet HTML 11Page - STMicroelectronics STLUX285ATR Datasheet HTML 12Page - STMicroelectronics STLUX285ATR Datasheet HTML 13Page - STMicroelectronics STLUX285ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
Description
STLUX
10/126
DocID027870 Rev 1
1
Description
The STLUX™ family of controllers is a part of the STMicroelectronics® digital devices
tailored for lighting and power conversion applications. The STLUX controllers have been
successfully integrated in a wide range of architectures and applications, starting from
simple buck converters for driving multiple LED strings, boost for power factor corrections,
half-bridge resonant converters for high power dimmable LED strings and up to full bridge
controllers for HID lamp ballasts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More