Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLUX385A Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STLUX385A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 26Page - STMicroelectronics STLUX385A Datasheet HTML 27Page - STMicroelectronics STLUX385A Datasheet HTML 28Page - STMicroelectronics STLUX385A Datasheet HTML 29Page - STMicroelectronics STLUX385A Datasheet HTML 30Page - STMicroelectronics STLUX385A Datasheet HTML 31Page - STMicroelectronics STLUX385A Datasheet HTML 32Page - STMicroelectronics STLUX385A Datasheet HTML 33Page - STMicroelectronics STLUX385A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
Pinout and pin description
STLUX
30/126
DocID027870 Rev 1
6
Pinout and pin description
6.1
Pinout
Figure 7. TSSOP38 pinout of STLUX385A and STLUX383A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More