Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1872 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM1872
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1872 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM1872 Datasheet HTML 9Page - STMicroelectronics UM1872 Datasheet HTML 10Page - STMicroelectronics UM1872 Datasheet HTML 11Page - STMicroelectronics UM1872 Datasheet HTML 12Page - STMicroelectronics UM1872 Datasheet HTML 13Page - STMicroelectronics UM1872 Datasheet HTML 14Page - STMicroelectronics UM1872 Datasheet HTML 15Page - STMicroelectronics UM1872 Datasheet HTML 16Page - STMicroelectronics UM1872 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID027622 Rev 2
13/21
UM1872
Formal Notices Required by the Industry Canada (“IC”)
21
6
Formal Notices Required by the Industry Canada
(“IC”)
English:
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is
subject to the following two conditions: (1) this device may not cause interference, and (2)
this device must accept any interference, including interference that may cause undesired
operation of the device.
French:
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils
radio exempts de licence. 'exploitation est autorisée aux deux conditions suivantes : (1)
l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter tout
brouillage radioélectrique subi, même si le brouillage est susceptible d'en compromettre le
fonctionnement.
The X-NUCLEO-IDS01A5 contains IC certified module SPBTLE-RF (IC:8976C-SPSGRF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21