| Moteur de recherche de fiches techniques de composants électroniques |
|
STWLC04 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWLC04 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 18 page ![]() Pin configuration STWLC04 6/18 DocID029626 Rev 2 Pin name Pin position Description GND G4, F4 Reserved. Connect to ground VCORE A1 Reserved. Connect to VCORE N/C G3 Reserved. Do not connect GND B1, E2, E6, F1 Reserved. Connect to ground N/C B2, B3, D3, E3 Reserved. Do not connect GND C1 Reserved. Connect to ground N/C A2, F5 Reserved. Do not connect |