Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3148 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM8AL3148
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3148 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM8AL3148 Datasheet HTML 21Page - STMicroelectronics STM8AL3148 Datasheet HTML 22Page - STMicroelectronics STM8AL3148 Datasheet HTML 23Page - STMicroelectronics STM8AL3148 Datasheet HTML 24Page - STMicroelectronics STM8AL3148 Datasheet HTML 25Page - STMicroelectronics STM8AL3148 Datasheet HTML 26Page - STMicroelectronics STM8AL3148 Datasheet HTML 27Page - STMicroelectronics STM8AL3148 Datasheet HTML 28Page - STMicroelectronics STM8AL3148 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
DocID18474 Rev 7
25/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Pin description
54
4
Pin description
Figure 3. STM8AL31x8T 48-pin pinout (without LCD)
1. Reserved. Must be tied to VDD.
Figure 4. STM8AL3Lx8T 48-pin pinout (with LCD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More