| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AL313X Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL313X Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 124 page ![]() DocID18474 Rev 7 31/124 STM8AL313x/4x/6x STM8AL3L4x/6x Pin description 54 38 26 26 PC1(5)/I2C1_SCL I/O FT X -X - T(7) Port C1 I2C1 clock 41 27 27 PC2/USART1_RX/ LCD_SEG22/ADC1_IN6/ COMP1_INP/VREFINT I/O TT(3) X X X HS X X Port C2 USART1 receive / LCD segment 22 / ADC1_IN6 / Comparator 1 positive input / Internal voltage reference output 42 28 28 PC3/USART1_TX/ LCD_SEG23(2)/ ADC1_IN5/COMP1_INP/ COMP2_INM I/O TT(3) X X X HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 / Comparator 1 positive input / Comparator 2 negative input 43 29 29 PC4/USART1_CK/ I2C1_SMB/CCO/ LCD_SEG24(2)/ ADC1_IN4/COMP2_INM/ COMP1_INP I/O TT(3) X X X HS X X Port C4 USART1 synchronous clock / I2C1_SMB / Configurable clock output / LCD segment 24 / ADC1_IN4 / Comparator 2 negative input / Comparator 1 positive input 44 30 30 PC5/OSC32_IN /[SPI1_NSS](4)/ [USART1_TX](4) I/O - X X X HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] 45 31 31 PC6/OSC32_OUT/ [SPI1_SCK](4)/ [USART1_RX](4) I/O - X X X HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] 46 - - PC7/LCD_SEG25(2)/ ADC1_IN3/COMP2_INM/ COMP1_INP I/O TT(3) X X X HS X X Port C7 LCD segment 25 /ADC1_IN3/ Comparator negative input / Comparator 1 positive input Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued) Pin number Pin name Input Output Default alternate function |