Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3xE8x Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM8AL3xE8x
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3xE8x Fiches technique(HTML) 2 Page - STMicroelectronics

  STM8AL3xE8x Datasheet HTML 1Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 2Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 3Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 4Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 5Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 6Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 7Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 8Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
2/18
DocID17922 Rev 6
Contents
1
Silicon limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.1
Core limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.1.1
Interrupt service routine (ISR) executed with priority of main process . . 6
1.1.2
Main CPU execution is not resumed after an ISR resets the AL bit . . . . 6
1.1.3
Unexpected DIV/DIVW instruction result in ISR . . . . . . . . . . . . . . . . . . . 6
1.1.4
Incorrect code execution when WFE execution is interrupted by ISR
or event . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
1.1.5
Core kept in stall mode when DMA transfer occurs during program/
erase operation to EEPROM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.1.6
Incorrect code execution when FLASH/EEPROM memory wakes up
from power down mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
1.2
System limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
1.2.1
Default DAC output level when output buffer is enabled . . . . . . . . . . . . 11
1.2.2
32.768 kHz LSE crystal accuracy may be disturbed by the use of
adjacent I/Os . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
1.2.3
RTC LSE failure can be detected just once after power-on reset . . . . . 11
1.3
Peripheral limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
1.3.1
SPI2 peripheral limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
1.3.2
I2C peripheral limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
1.3.3
USART peripheral limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
1.3.4
Timer limitations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18