| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L052R8 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L052R8 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 18 page ![]() September 2015 DocID17922 Rev 6 1/18 1 STM8AL3xxx STM8Lxxxx6/8 Errata sheet STM8AL318x, STM8AL3L8x, STM8AL3xE8x, STM8L052R8, STM8L15xx6/8 and STM8L162x8 device limitations Silicon identification This errata sheet applies to the revision Z of STMicroelectronics STM8L052R8, STM8L15xM8/R8/C8/R6, STM8L162x8, STM8AL318x, STM8AL3L8x and STM8AL3xE8x devices. The products are identifiable as shown in Table 1: by the revision code marked below the product identification area on the package by the last three digits of the Internal order code printed on the box label . Table 1. Device identification(1) 1. Refer to STM8AL3xxxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 product datasheets for details on the device marking. Part number Revision code marked on device STM8L052R8 “Z” STM8L151M8, STM8L152M8, STM8L151R8, STM8L152R8, STM8L151C8, STM8L152C8, STM8L151R6, STM8L152R6, STM8L162M8, STM8L162R8 “Z” STM8AL318x, STM8AL3L8x, STM8AL3xE8x “Z” Table 2. Device summary Reference Part number STM8L052R8 STM8L052R8 STM8L15xM8 STM8L151M8, STM8L152M8 STM8L15xR8 STM8L151R8, STM8L152R8 STM8L15xC8 STM8L151C8, STM8L152C8 STM8L15xR6 STM8L151R6, STM8L152R6 STM8L162x8 STM8L162M8, STM8L162R8 STM8AL318x STM8AL3188, STM8AL3189, STM8AL318A STM8AL3L8x STM8AL3L88, STM8AL3L89, STM8AL3L8A STM8AL3xE8x STM8AL31E88, STM8AL31E89, STM8AL31E8A, STM8AL3LE88, STM8AL3LE89, STM8AL3LE8A www.st.com |
Numéro de pièce similaire - STM8L052R8 |
|
Description similaire - STM8L052R8 |