| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AF5269 Fiches technique(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF5269 Fiches technique(HTML) 80 Page - STMicroelectronics |
|
80 / 125 page ![]() Electrical characteristics STM8AF526x/8x/Ax STM8AF6269/8x/Ax 80/125 DocID14395 Rev 15 Figure 39. Recommended reset pin protection 10.3.8 TIM 1, 2, 3, and 4 electrical specifications Subject to general operating conditions for VDD, fMASTER and TA. Table 40. TIM 1, 2, 3, and 4 electrical specifications Symbol Parameter Conditions Min Typ Max Unit fEXT Timer external clock frequency(1) 1. Not tested in production. -- - 24 MHz |