| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2878 Fiches technique(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM2878 Fiches technique(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 8 page ![]() External Components (Figure 3) 1 R2 R5 R7 R10 Sets voltage gain AV e 1 a R2R5 for one channel and AV e 1 a R10R7 for the other channel 2 R4 R8 Resistors set input impedance and sup- ply bias current for the positive input 3 RO Works with CO to stabilize output stage 4 C1 Improves power supply rejection (see Typical Performance Characteristics) 5 C11 Stabilizes amplifier may need to be larg- er depending on power supply filtering 6 C4 C8 Input coupling capacitor Pins 4 and 8 are at a DC potential of VS 2 Low fre- quency pole set by fL e 1 2qR4C4 7 C5 C7 Feedback capacitors Ensure unity gain at DC Also low frequency pole at fL e 1 2qR5C5 8 CO Works with RO to stabilize output stage 9 C2 C10 Output coupling capacitor Low frequen- cy pole given by fL e 1 RqRLC2 Typical Applications (Continued) TLH7934 – 7 FIGURE 3 Stereo Amplifier with AV e 200 TLH7934 – 8 FIGURE 4 LM2878 Servo Amplifier in Bridge Configuration 6 |