| Moteur de recherche de fiches techniques de composants électroniques |
|
9159 Fiches technique(PDF) 13 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
9159 Fiches technique(HTML) 13 Page - AVX Corporation |
|
13 / 63 page ![]() 11 SSL - Cable Plug Series 9159 PLUG WIRED 3 WAY 2 PART 9159 LIGHTING CONNECTOR PACKING DETAILS CABLE TIES SUPPLIED WITH EACH REEL NOTES: 1. FOR MORE INFORMATION REFER TO PRODUCT SPEC 201-01-119. 2. CABLE TIE SUPPLIED FOR WIRE RETENTION, ATTACHED TO EACH REEL. SPARES CAN BE ORDERED, REFER TO PAGE 17. 3. DIMENSIONS ARE REFERENCE DIMENSIONS UNLESS TOLERANCED. 4. INSULATOR MATERIAL: NYLON 46. COLOR REFER TO PAGE 9. 5. CONTACT MATERIAL: COPPER ALLOY, SELECTIVE GOLD OVER NICKEL TIN PLATED ON TAILS. 6. PACKING IN TAPE AND REEL, QUANTITY PER REEL 700. 7. FOR ACCESSORY COVERS AND LATCHES REFER TO PAGES 15 AND 16. |