| Moteur de recherche de fiches techniques de composants électroniques |
|
PM6344 Fiches technique(PDF) 41 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM6344 Fiches technique(HTML) 41 Page - PMC-Sierra, Inc |
|
41 / 256 page ![]() STANDARD PRODUCT PMC-Sierra, Inc. PM6344 EQUAD PMC-951013 ISSUE 5 QUADRUPLE E1 FRAMER 28 8. The TDLUDR[x] output goes high when the processor is unable to service the TDLINT[x] request for more data before a specific time-out period. This period is dependent upon the frequency of TDLCLK[x]: 1) for a TDLCLK[x] frequency of 4 kHz, the time-out is 1.0 ms; 2) for a TDLCLK[x] frequency of 20 kHz, the time-out is 0.2 ms; 3) for a TDLCLK[x] frequency of 64 kHz, the time-out is 62.5 µs. |