Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2825 Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2825
Description  Integrated Power Supply 1A DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825 Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2825 Datasheet HTML 4Page - National Semiconductor (TI) LM2825 Datasheet HTML 5Page - National Semiconductor (TI) LM2825 Datasheet HTML 6Page - National Semiconductor (TI) LM2825 Datasheet HTML 7Page - National Semiconductor (TI) LM2825 Datasheet HTML 8Page - National Semiconductor (TI) LM2825 Datasheet HTML 9Page - National Semiconductor (TI) LM2825 Datasheet HTML 10Page - National Semiconductor (TI) LM2825 Datasheet HTML 11Page - National Semiconductor (TI) LM2825 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Information (Continued)
TYPICAL THROUGH HOLE PC BOARD LAYOUT (2X SIZE), SINGLE SIDED, THROUGH HOLE PLATED
DS012661-25
FIGURE 10. Typical Circuits Using Shutdown /Soft-start Features
DS012661-26
Note: Holes are not shown.
“No Connect Pins” are connected to copper pads for thermal reasons only and must remain electrically isolated.
FIGURE 11. 2X Printed Circuit Board Layout
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12