Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1241FCPC Fiches technique(PDF) 11 Page - Agere Systems

No de pièce 1241FCPC
Description  Uncooled Laser Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

1241FCPC Fiches technique(HTML) 11 Page - Agere Systems

Back Button 1241FCPC Datasheet HTML 4Page - Agere Systems 1241FCPC Datasheet HTML 5Page - Agere Systems 1241FCPC Datasheet HTML 6Page - Agere Systems 1241FCPC Datasheet HTML 7Page - Agere Systems 1241FCPC Datasheet HTML 8Page - Agere Systems 1241FCPC Datasheet HTML 9Page - Agere Systems 1241FCPC Datasheet HTML 10Page - Agere Systems 1241FCPC Datasheet HTML 11Page - Agere Systems 1241FCPC Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Agere Systems Inc.
11
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser
Part Numbering for the 1241/1243/1245-Type Transmitter
1 2 4 X XX X X
Field Description
Laser Type:
1 = 1.3 µm Fabry-Perot laser, 3 = 1.3 µm DFB laser, 5 = 1.55 µm DFB laser
Optical Connector:
C = SC, F = FC/PC
Data Rate:
A = 155 Mbits/s, B = 622 Mbits/s, C = 1062.5 Mbits/s
Typical Power:
D = 0 dBm, F = –2 dBm, L = –5 dBm, P = –8 dBm, U = –11 dBm
Customer Options:
A—F
Table 6. Related Products
Description
Device Number
Document Number
155 Mbits/s and 622 Mbits/s for SONET/
SDH Applications
1340-Type Pin Receiver
DS99-072LWP
155 Mbits/s and 622 Mbits/s Receivers
with Clock and Data Recovery for
SONET/SDH Applications
1345-Type Pin Receiver with Clock and
Data Recovery
DS99-071LWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com