| Moteur de recherche de fiches techniques de composants électroniques |
|
LDL212PVR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDL212PVR Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() LDL212 Typical application DocID028297 Rev 2 5/28 3 Typical application Figure 4: Typical application circuit (adjustable version) Figure 5: Typical application circuit (fixed version) R1 and R2 are calculated according to the following formula: R1 = R2 x (VOUT/VADJ - 1). The output voltage of the adjustable version can be set from 1.18 V to VIN- VDROP(MAX), where VDROP(MAX) is the maximum dropout voltage, as defined in Table 4: "Electrical characteristics". |