Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDL212 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce LDL212
Description  High PSRR, low drop linear regulator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212 Fiches technique(HTML) 5 Page - STMicroelectronics

  LDL212 Datasheet HTML 1Page - STMicroelectronics LDL212 Datasheet HTML 2Page - STMicroelectronics LDL212 Datasheet HTML 3Page - STMicroelectronics LDL212 Datasheet HTML 4Page - STMicroelectronics LDL212 Datasheet HTML 5Page - STMicroelectronics LDL212 Datasheet HTML 6Page - STMicroelectronics LDL212 Datasheet HTML 7Page - STMicroelectronics LDL212 Datasheet HTML 8Page - STMicroelectronics LDL212 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LDL212
Typical application
DocID028297 Rev 2
5/28
3
Typical application
Figure 4: Typical application circuit (adjustable version)
Figure 5: Typical application circuit (fixed version)
R1 and R2 are calculated according to the following formula: R1 = R2 x (VOUT/VADJ
- 1). The output voltage of the adjustable version can be set from 1.18 V to VIN-
VDROP(MAX), where VDROP(MAX) is the maximum dropout voltage, as defined in Table
4: "Electrical characteristics".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28