Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R01T3 Fiches technique(PDF) 13 Page - Holtek Semiconductor Inc

No de pièce HT46R01T3
Description  8-Bit OTP MCU with RF Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01T3 Fiches technique(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Information
16-pin NSOP (150mil) Outline Dimensions
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
¾
0.244
B
0.150
¾
0.157
C
0.012
¾
0.020
C
¢
0.386
¾
0.402
D
¾¾
0.069
E
¾
0.050
¾
F
0.004
¾
0.010
G
0.016
¾
0.050
H
0.007
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
¾
6.20
B
3.81
¾
3.99
C
0.30
¾
0.51
C
¢
9.80
¾
10.21
D
¾¾
1.75
E
¾
1.27
¾
F
0.10
¾
0.25
G
0.41
¾
1.27
H
0.18
¾
0.25
a
0
°¾
8
°
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
13
November 23, 2010
1 6
1
9
8
=
A
B
C
D
E
F
G
H
C '



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16