Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L083xZ Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32L083xZ
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083xZ Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32L083xZ Datasheet HTML 45Page - STMicroelectronics STM32L083xZ Datasheet HTML 46Page - STMicroelectronics STM32L083xZ Datasheet HTML 47Page - STMicroelectronics STM32L083xZ Datasheet HTML 48Page - STMicroelectronics STM32L083xZ Datasheet HTML 49Page - STMicroelectronics STM32L083xZ Datasheet HTML 50Page - STMicroelectronics STM32L083xZ Datasheet HTML 51Page - STMicroelectronics STM32L083xZ Datasheet HTML 52Page - STMicroelectronics STM32L083xZ Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
DocID027070 Rev 3
49/139
STM32L083xx
Pin descriptions
55
47
63
D4
99
D3
VSS
S
-
-
-
-
48
64
E4
100
C4
VDD
S
-
-
-
-
1. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O.
2. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead.
Table 16. STM32L083xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More