Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L083RZ Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32L083RZ
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083RZ Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32L083RZ Datasheet HTML 41Page - STMicroelectronics STM32L083RZ Datasheet HTML 42Page - STMicroelectronics STM32L083RZ Datasheet HTML 43Page - STMicroelectronics STM32L083RZ Datasheet HTML 44Page - STMicroelectronics STM32L083RZ Datasheet HTML 45Page - STMicroelectronics STM32L083RZ Datasheet HTML 46Page - STMicroelectronics STM32L083RZ Datasheet HTML 47Page - STMicroelectronics STM32L083RZ Datasheet HTML 48Page - STMicroelectronics STM32L083RZ Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 139 page
background image
DocID027070 Rev 3
45/139
STM32L083xx
Pin descriptions
55
-
-
-
41
L8
PE10
I/O
FT
-
TIM2_CH2, LCD_SEG40,
USART5_TX
-
-
-
-
42
M9
PE11
I/O
FT
-
TIM2_CH3, USART5_RX
LCD_VLCD2
-
-
-
43
L9
PE12
I/O
FT
-
TIM2_CH4, SPI1_NSS
LCD_VLCD3
-
-
-
44
M10
PE13
I/O
FT
-
LCD_SEG41, SPI1_SCK
-
-
-
-
45
M11
PE14
I/O
FT
- LCD_SEG42, SPI1_MISO
-
-
-
-
46
M12
PE15
I/O
FT
- LCD_SEG43, SPI1_MOSI
-
21
29
G7
47
L10
PB10
I/O
FT
-
LCD_SEG10, TIM2_CH3,
TSC_SYNC,
LPUART1_TX, SPI2_SCK,
I2C2_SCL, LPUART1_RX
-
22
30
H7
48
L11
PB11
I/O
FT
-
EVENTOUT, LCD_SEG11,
TIM2_CH4, TSC_G6_IO1,
LPUART1_RX, I2C2_SDA,
LPUART1_TX
-
23
31
D6
49
F12
VSS
S
-
-
-
24
32
E5
50
G12
VDD
S
-
-
-
25
33
H8
51
L12
PB12
I/O
FT
-
SPI2_NSS/I2S2_WS,
LCD_SEG12,
LPUART1_RTS_DE,
TSC_G6_IO2,
I2C2_SMBA, EVENTOUT
LCD_VLCD2
26
34
G8
52
K12
PB13
I/O
FTf
-
SPI2_SCK/I2S2_CK,
LCD_SEG13, MCO,
TSC_G6_IO3,
LPUART1_CTS,
I2C2_SCL, TIM21_CH1
-
27
35
F8
53
K11
PB14
I/O
FTf
-
SPI2_MISO/I2S2_MCK,
LCD_SEG14, RTC_OUT,
TSC_G6_IO4,
LPUART1_RTS_DE,
I2C2_SDA, TIM21_CH2
-
28
36
F7
54
K10
PB15
I/O
FT
-
SPI2_MOSI/I2S2_SD,
LCD_SEG15, RTC_REFIN
-
-
-
-
55
K9
PD8
I/O
FT
-
LPUART1_TX,
LCD_SEG28
-
Table 16. STM32L083xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More