| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L083VZ Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L083VZ Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 139 page ![]() Pin descriptions STM32L083xx 44/139 DocID027070 Rev 3 - 18 C2 27 E3 VSS S - - - - -19 D2 28 H3 VDD S - - - - 14 20 H3 29 M3 PA4 I/O TC (1) SPI1_NSS, TSC_G2_IO1, USART2_CK, TIM22_ETR COMP1_INM, COMP2_INM, ADC_IN4, DAC_OUT1 15 21 F4 30 K4 PA5 I/O TC - SPI1_SCK, TIM2_ETR, TSC_G2_IO2, TIM2_CH1 COMP1_INM, COMP2_INM, ADC_IN5, DAC_OUT2 16 22 G4 31 L4 PA6 I/O FT - SPI1_MISO, LCD_SEG3, TIM3_CH1, TSC_G2_IO3, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 17 23 H4 32 M4 PA7 I/O FT - SPI1_MOSI, LCD_SEG4, TIM3_CH2, TSC_G2_IO4, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 - 24 H5 33 K5 PC4 I/O FT - EVENTOUT, LCD_SEG22, LPUART1_TX ADC_IN14 - 25 H6 34 L5 PC5 I/O FT - LCD_SEG23, LPUART1_RX, TSC_G3_IO1 ADC_IN15 18 26 F5 35 M5 PB0 I/O FT - EVENTOUT, LCD_SEG5, TIM3_CH3, TSC_G3_IO2 LCD_VLCD3, ADC_IN8, VREF_OUT 19 27 G5 36 M6 PB1 I/O FT - LCD_SEG6, TIM3_CH4, TSC_G3_IO3, LPUART1_RTS_DE ADC_IN9, VREF_OUT 20 28 G6 37 L6 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4, I2C3_SMBA LCD_VLCD1 - - - 38 M7 PE7 I/O FT - LCD_SEG45, USART5_CK/USART5_ RTS - - - - 39 L7 PE8 I/O FT - LCD_SEG46, USART4_TX - - - - 40 M8 PE9 I/O FT - TIM2_CH1, LCD_SEG47, TIM2_ETR, USART4_RX - Table 16. STM32L083xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |