Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L083RB Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STM32L083RB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083RB Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STM32L083RB Datasheet HTML 46Page - STMicroelectronics STM32L083RB Datasheet HTML 47Page - STMicroelectronics STM32L083RB Datasheet HTML 48Page - STMicroelectronics STM32L083RB Datasheet HTML 49Page - STMicroelectronics STM32L083RB Datasheet HTML 50Page - STMicroelectronics STM32L083RB Datasheet HTML 51Page - STMicroelectronics STM32L083RB Datasheet HTML 52Page - STMicroelectronics STM32L083RB Datasheet HTML 53Page - STMicroelectronics STM32L083RB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 139 page
background image
Table 17. Alternate functions port A
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/SPI2/I2S2/U
SART1/2/
LPUART1/USB/L
PTIM1/TSC/
TIM2/21/22/
EVENTOUT/
SYS_AF
SPI1/SPI2/I2S2/I2
C1/LCD/
TIM2/21
SPI1/SPI2/I2S2/L
PUART1/
USART5/USB/LP
TIM1/TIM2/3/EVE
NTOUT/
SYS_AF
I2C1/TSC/
EVENTOUT
I2C1/USART1/2/
LPUART1/
TIM3/22/
EVENTOUT
SPI2/I2S2/I2C2/U
SART1/
TIM2/21/22
I2C1/2/
LPUART1/
USART4/
UASRT5/TIM21/E
VENTOUT
I2C3/LPUART1/C
OMP1/2/
TIM3
PA0
-
-
TIM2_CH1
TSC_G1_IO1
USART2_CTS
TIM2_ETR
USART4_TX
COMP1_OUT
PA1
EVENTOUT
LCD_SEG0
TIM2_CH2
TSC_G1_IO2
USART2_RTS_D
E
TIM21_ETR
USART4_RX
-
PA2
TIM21_CH1
LCD_SEG1
TIM2_CH3
TSC_G1_IO3
USART2_TX
-
LPUART1_TX
COMP2_OUT
PA3
TIM21_CH2
LCD_SEG2
TIM2_CH4
TSC_G1_IO4
USART2_RX
-
LPUART1_RX
-
PA4
SPI1_NSS
-
-
TSC_G2_IO1
USART2_CK
TIM22_ETR
-
-
PA5
SPI1_SCK
-
TIM2_ETR
TSC_G2_IO2
TIM2_CH1
-
-
PA6
SPI1_MISO
LCD_SEG3
TIM3_CH1
TSC_G2_IO3
LPUART1_CTS
TIM22_CH1
EVENTOUT
COMP1_OUT
PA7
SPI1_MOSI
LCD_SEG4
TIM3_CH2
TSC_G2_IO4
-
TIM22_CH2
EVENTOUT
COMP2_OUT
PA8
MCO
LCD_COM0
USB_CRS_
SYNC
EVENTOUT
USART1_CK
-
-
I2C3_SCL
PA9
MCO
LCD_COM1
-
TSC_G4_IO1
USART1_TX
-
I2C1_SCL
I2C3_SMBA
PA10
-
LCD_COM2
-
TSC_G4_IO2
USART1_RX
-
I2C1_SDA
-
PA11
SPI1_MISO
-
EVENTOUT
TSC_G4_IO3
USART1_CTS
-
-
COMP1_OUT
PA12
SPI1_MOSI
-
EVENTOUT
TSC_G4_IO4
USART1_RTS_
DE
-
-
COMP2_OUT
PA13
SWDIO
-
USB_OE
-
-
-
LPUART1_RX
-
PA14
SWCLK
-
-
-
USART2_TX
-
LPUART1_TX
-
PA15
SPI1_NSS
LCD_SEG17
TIM2_ETR
EVENTOUT
USART2_RX
TIM2_CH1
USART4_RTS_D
E
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More