| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L073xB Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073xB Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 139 page ![]() DocID027096 Rev 3 47/139 STM32L073xx Pin descriptions 55 33 45 B8 71 A12 PA12 I/O FT (2) SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS_DE, COMP2_OUT USB_DP 34 46 A8 72 A11 PA13 I/O FT - SWDIO, USB_OE, LPUART1_RX - -- - 73 C11 VDD S - - - 35 47 D5 74 F11 VSS S - - - 36 48 E6 75 G11 VDD_USB S - - - 37 49 A7 76 A10 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 38 50 A6 77 A9 PA15 I/O FT - SPI1_NSS, LCD_SEG17, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1, USART4_RTS_DE - - 51 B7 78 B11 PC10 I/O FT - LPUART1_TX, LCD_COM4/LCD_SEG28/ LCD_SEG48, USART4_TX - - 52 B6 79 C10 PC11 I/O FT - LPUART1_RX, LCD_COM5/LCD_SEG29/ LCD_SEG49, USART4_RX - - 53 C5 80 B10 PC12 I/O FT - LCD_COM6/LCD_SEG30/ LCD_SEG50, USART5_TX, USART4_CK - - - - 81 C9 PD0 I/O FT - TIM21_CH1, SPI2_NSS/I2S2_WS - - - - 82 B9 PD1 I/O FT - SPI2_SCK/I2S2_CK - - 54 B5 83 C8 PD2 I/O FT - LPUART1_RTS_DE, LCD_COM7/LCD_SEG31/ LCD_SEG51, TIM3_ETR, USART5_RX - - - - 84 B8 PD3 I/O FT - USART2_CTS, LCD_SEG44, SPI2_MISO/I2S2_MCK - Table 16. STM32L073xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |