| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L083X8 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L083X8 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 139 page ![]() DocID027070 Rev 3 49/139 STM32L083xx Pin descriptions 55 47 63 D4 99 D3 VSS S - - - - 48 64 E4 100 C4 VDD S - - - - 1. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. 2. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 16. STM32L083xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |