Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L052x8 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STM32L052x8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052x8 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STM32L052x8 Datasheet HTML 39Page - STMicroelectronics STM32L052x8 Datasheet HTML 40Page - STMicroelectronics STM32L052x8 Datasheet HTML 41Page - STMicroelectronics STM32L052x8 Datasheet HTML 42Page - STMicroelectronics STM32L052x8 Datasheet HTML 43Page - STMicroelectronics STM32L052x8 Datasheet HTML 44Page - STMicroelectronics STM32L052x8 Datasheet HTML 45Page - STMicroelectronics STM32L052x8 Datasheet HTML 46Page - STMicroelectronics STM32L052x8 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
DocID025936 Rev 6
43/136
STM32L052x6 STM32L052x8
50
9
9
F5
13
17
G3
PA3
I/O
FT
-
TIM21_CH2,
TIM2_CH4,
TSC_G1_IO4,
USART2_RX
COMP2_INP,
ADC_IN3
-
-
-
-
18
C2
VSS
S
-
-
-
-
--
-
-
19
D2
VDD
S
-
-
-
-
10
10
E4
14
20
H3
PA4
I/O
TC
(2)
SPI1_NSS,
TSC_G2_IO1,
USART2_CK,
TIM22_ETR
COMP1_INM4
,
COMP2_INM4
, ADC_IN4,
DAC_OUT
11
11
F4
15
21
F4
PA5
I/O
TC
-
SPI1_SCK,
TIM2_ETR,
TSC_G2_IO2,
TIM2_CH1
COMP1_INM5
,
COMP2_INM5
, ADC_IN5
12
12
E3
16
22
G4
PA6
I/O
FT
-
SPI1_MISO,
TSC_G2_IO3,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
13
13
F3
17
23
H4
PA7
I/O
FT
-
SPI1_MOSI,
TSC_G2_IO4,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
--
-
-
24
H5
PC4
I/O
FT
-
EVENTOUT,
LPUART1_TX
ADC_IN14
--
-
-
25
H6
PC5
I/O
FT
-
LPUART1_RX,
TSC_G3_IO1
ADC_IN15
14
14
D3
18
26
F5
PB0
I/O
FT
-
EVENTOUT,
TSC_G3_IO2
ADC_IN8,
VREF_OUT
15
15
C3
19
27
G5
PB1
I/O
FT
-
TSC_G3_IO3,
LPUART1_RTS_DE
ADC_IN9,
VREF_OUT
-
16
F2
20
28
G6
PB2
I/O
FT
-
LPTIM1_OUT,
TSC_G3_IO4
-
Table 16. STM32L052x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More