Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L052T8 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32L052T8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052T8 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32L052T8 Datasheet HTML 45Page - STMicroelectronics STM32L052T8 Datasheet HTML 46Page - STMicroelectronics STM32L052T8 Datasheet HTML 47Page - STMicroelectronics STM32L052T8 Datasheet HTML 48Page - STMicroelectronics STM32L052T8 Datasheet HTML 49Page - STMicroelectronics STM32L052T8 Datasheet HTML 50Page - STMicroelectronics STM32L052T8 Datasheet HTML 51Page - STMicroelectronics STM32L052T8 Datasheet HTML 52Page - STMicroelectronics STM32L052T8 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
Table 19. Alternate function port C
Port
AF0
AF1
AF2
AF3
LPUART1/LPTIM/
TIM21/12/
EVENTOUT/
-
SPI2/I2S2/USB/
LPUART1/
EVENTOUT
TSC
Port C
PC0
LPTIM1_IN1
-
EVENTOUT
TSC_G7_IO1
PC1
LPTIM1_OUT
-
EVENTOUT
TSC_G7_IO2
PC2
LPTIM1_IN2
-
SPI2_MISO/I2S2_MCK
TSC_G7_IO3
PC3
LPTIM1_ETR
-
SPI2_MOSI/I2S2_SD
TSC_G7_IO4
PC4
EVENTOUT
-
LPUART1_TX
-
PC5
-
-
LPUART1_RX
TSC_G3_IO1
PC6
TIM22_CH1
-
-
TSC_G8_IO1
PC7
TIM22_CH2
-
-
TSC_G8_IO2
PC8
TIM22_ETR
-
-
TSC_G8_IO3
PC9
TIM21_ETR
-
USB_OE
TSC_G8_IO4
PC10
LPUART1_TX
-
-
-
PC11
LPUART1_RX
-
-
-
PC12
--
--
PC13
--
--
PC14
--
--
PC15
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More